PART |
Description |
Maker |
2-1415031-1 RT234006 RT134018F RTD14024F RTB14005F |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.067A (COIL), 6VDC (COIL), 400mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.022A (COIL), 18VDC (COIL), 400mW (COIL), 12A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT RT series (DC Coil) 16 Amp PC Board Miniature Relay SPST through DPDT contact arrangements. Immersion cleanable and flux tight versions available. POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.044A (COIL), 9VDC (COIL), 400mW (COIL), 20A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Tyco Electronics List of Unclassifed Manufacturers
|
TSZ3J45S TSZ3G47S |
SOLID STATE AC RELAY OPTICALLY ISOLATED, NORMALLY OPEN SSR
|
TOSHIBA
|
TSZ1G45S TSZ1G47S TSZ1J45S |
SOLID STATE AC RELAY OPTICALLY ISOLATED, NORMALLY OPEN SSR
|
TOSHIBA
|
TSZ1G48S |
SOLID STATE AC RELAY OPTICALLY ISOLATED, NORMALLY OPEN SSR
|
TOSHIBA
|
TSS1D42 TSS1J42 TSS1H42 |
(TSS1x42) SSR / NORMALLY-OPEN PC-MOUNT SOLID-STATE RELAY
|
Toshiba Semiconductor
|
TSZ2G48 TSZ2J48 |
SOLID STATE AC RELAY OPTICALLY ISOLATED, NORMALLY OPEN SSR
|
http:// Toshiba Semiconductor
|
FTR-K2GAK018T FTR-K2GAK024T FTR-K2GAK005T FTR-K2GA |
POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type) POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.022A (COIL), 48VDC (COIL), 1050mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.008A (COIL), 110VDC (COIL), 930mW (COIL), THROUGH HOLE-STRAIGHT MOUNT
|
Fujitsu Component Limited. FUJITSU LTD
|
2W02 2W10 2W005 2W01 2W04 2W06 2W08 |
RELAY SSR AC 25A 240VAC PCB SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
|
美丽微半导体有限公司 FORMOSA[Formosa MS]
|
PR39MF22NSZ PR36MF22NSZ |
Solid State Relay 固态继电器 8-Pin DIP Type SSR for Low Power Control
|
SHARP[Sharp Electrionic Components]
|
FTR-K1AL018W-LB-RG FTR-K1AL018W-LA-RG FTR-K1CK048W |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.014A (COIL), 18VDC (COIL), 250mW (COIL), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.009A (COIL), 48VDC (COIL), 430mW (COIL), 12A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.08A (COIL), 5VDC (COIL), 400mW (COIL), 12A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.021A (COIL), 12VDC (COIL), 250mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.067A (COIL), 6VDC (COIL), 400mW (COIL), 12A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.017A (COIL), 24VDC (COIL), 400mW (COIL), 12A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
FUJITSU Component., Ltd. Fujitsu, Ltd.
|
9100-293Q999 9100-393Q999 9100-493Q999 9100-293QS9 |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 21500mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.48A (COIL), 12VDC (COIL), 5750mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 21500mW (COIL), PANEL MOUNT Power Relay 1- and 2-pole, 3-12 FLA AC or DC Coil
|
http:// Tyco Electronics
|
|